Part Number Hot Search : 
07A63 EA09969 ATAB5756 MB89160 P4202 LS259 MLX90 10K0J
Product Description
Full Text Search
 

To Download AS4C4M4F1Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq copyright ?1999 alliance semiconductor. all rights reserved. ? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 4 4 4 4 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 4 4 4 4 8 9 #7 0 # 8 9 #7 0 # 8 9 #7 0 # 8 9 #7 0 # 5 #7# &026 # 4xdg #7# &026 # 4xdg #7# &026 # 4xdg #7# &026 # 4xdg&$6 &$6 &$6 &$6 # '5$0 #+ idvwsdjh # prgh , # '5$0 #+ idvwsdjh # prgh , # '5$0 #+ idvwsdjh # prgh , # '5$0 #+ idvwsdjh # prgh , )hdwxuhv ? organization: 4,194,304 words 4 bits ?high speed - 50/60 ns ras access time - 25/30 ns column address access time - 12/15 ns cas access time ? low power consumption - active: 495 mw max - standby: 5.5 mw max, cmos i/o ? fast page mode ?refresh - 4096 refresh cycles, 64 ms refresh interval for 4c4m4foq - 2048 refresh cycles, 32 ms refresh interval for AS4C4M4F1Q -ras -only or cas -before-ras refresh or self-refresh ? ttl-compatible, three-state i/o ? 4 separate cas pins allow for separate i/o operation ? jedec standard package - 300 mil, 28-pin soj - 300 mil, 28-pin tsop ? latch-up current 3 200 ma ? esd protection 3 2000 mv 3lq # duudqjhphqw a8 a7 a6 a5 a4 a10 a0 a1 a2 a3 v cc gnd gnd i/o3 i/o2 cas 3 oe v cc i/o0 i/o1 we ras 1 2 3 4 5 28 27 26 25 24 *nc/a11 a9 623 9 10 11 12 13 20 19 18 17 16 14 15 soj as4c4m4f0q/f1q a8 a7 a6 a5 a4 a10 a0 a1 a2 a3 v cc gnd gnd i/o3 i/o2 cas 3 oe v cc i/o0 i/o1 we ras 1 2 3 4 5 28 27 26 25 24 *nc/a11 a9 623 9 10 11 12 13 20 19 18 17 16 14 15 tsop as4c4m4f0q/1q * nc on 2k refresh version; a11 on 4k refresh version cas 0 cas 1 7 8 cas 2 22 21 nc cas 0 cas 1 7 8 nc 22 21 cas 2 3lq # ghvljqdwlrq pin(s) description a0 to a11 address inputs ras row address strobe cas 0 to cas 3 column address strobe we write enable i/o0 to i/o3 input/output oe output enable v cc power gnd ground 6hohfwlrq # jxlgh symbol 4c4m4foq-50 AS4C4M4F1Q-50 4c4m4foq-60 AS4C4M4F1Q-60 unit maximum ras access time t rac 50 60 ns maximum column address access time t caa 25 30 ns maximum cas access time t cac 12 15 ns maximum output enable (oe ) access time t oea 13 15 ns minimum read or write cycle time t rc 85 100 ns minimum fast page mode cycle time t pc 20 24 ns maximum operating current i cc1 90 80 ma maximum cmos standby current i cc5 1.0 1.0 ma
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq 5 5 5 5 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 )xqfwlrqdo # ghvfulswlrq the 4c4m4foq and AS4C4M4F1Q are high performance 16-megabit cmos dynamic random access memory (dram) devices organized as 4,194,304 words 4 bits. the devices are fabricated using advanced cmos technology and innovative design techniques resulti ng in high speed, extremely low power and wide operating margins at component and system levels. the alliance 16mb dram family is optimize d for use as main memory in pc, workstation, router and switch applications. these devices feature a high speed page mode operation where read and write operations within a single row (or page) can be exe c uted at very high speed by toggling column addresses within that row. row and column addresses are alternately latched into input buffe rs using the falling edge of ras and cas inputs respectively. four individual cas pins allow for separate i/o operation which enables the devices to operate in parity mode. also, ras is used to make the column address latch transparent, enabling application of column addresses prior to cas assertion. refresh on the 4096 address combinations of a0 to a11 must be performed every 64 ms using: ?ras -only refresh: ras is asserted while cas is held high. each of the 4096 rows must be strobed. outputs remain high impedence. ? hidden refresh: cas is held low while ras is toggled. refresh address is generated internally. outputs remain low impedence with previous valid data. ?cas -before-ras refresh (cbr): cas is asserted prior to ras . refresh address is generated internally. outputs are high-impedence (oe and we are don't care). ? normal read or write cycles refresh the row being accessed. ? self-refresh cycles refresh on the 2048 address combinations of a0 to a10 must be performed every 32 ms using: ?ras -only refresh: ras is asserted while cas is held high. each of the 2048 rows must be strobed. outputs remain high impedence. ? hidden refresh: cas is held low while ras is toggled. refresh address is generated internally. outputs remain low impedence with previous valid data. ?cas -before-ras refresh (cbr): cas is asserted prior to ras . refresh address is generated internally. outputs are high-impedence (oe and we are don't care). ? normal read or write cycles refresh the row being accessed. ? self-refresh cycles the 4c4m4foq and AS4C4M4F1Q are available in the standard 28-pin plastic soj and 28-pin plastic tsop packages. the 4c4m4foq and AS4C4M4F1Q operate with a single power supply of 5v 0.5v and provide ttl compatible inputs and outputs. /rjlf # eorfn # gldjudp # iru #7 . # uhiuhvk ras clock generator refresh controller 4,194,304 4 array (16,777,216) sense amp a0 a1 a2 a3 a4 a5 a6 a7 v cc gnd address buffers a8 row decoder column decoder data i/o buffers oe ras cas we clock generator we i/o0 to i/o3 cas clock generator a9 a10 a11
? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 6 6 6 6 /rjlf # eorfn # gldjudp # iru #5 . # uhiuhvk 5hfrpphqghg # rshudwlqj # frqglwlrqv ? v il min -3.0v for pulse widths less than 5 ns. recommended operating conditions apply throughout this document unlesss otherwise s pecified. parameter symbol min nominal max unit supply voltage v cc 4.5 5.0 5.5 v gnd 0.0 0.0 0.0 v input voltage v ih 2.4 C v cc v v il C0.5 ? C0.8v ambient operating temperature t a 070c ras clock generator refresh controller 4,194,304 4 array (16,777,216) sense amp a0 a1 a2 a3 a4 a5 a6 a7 v cc gnd address buffers a8 row decoder column decoder substrate bias generator data i/o buffers oe ras cas we clock generator we i/o0 to i/o3 cas clock generator a9 a10
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq 7 7 7 7 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $evroxwh # pd[lpxp # udwlqjv '& # hohfwulfdo # fkdudfwhulvwlfv parameter symbol min max unit input voltage v in -1.0 +7.0 v input voltage (dqs) v dq -1.0 v cc + 0.5 v power supply voltage v cc -1.0 +7.0 v storage temperature (plastic) t stg -55 +150 c soldering temperature time t solder C260 10 o c sec power dissipation p d C1w short circuit output current i out C50ma parameter symbol test conditions -50 -60 unit notes min max min max input leakage current i il 0v v in +5.5v, pins not under test = 0v -5 +5 -5 +5 a output leakage current i ol d out disabled, 0v v out +5.5v-5+5-5+5a operating power supply current i cc1 ras , cas address cycling; t rc =min C 110 C 100 ma 1,2 ttl standby power supply current i cc2 ras = cas 3 v ih C 2.0 C 2.0 ma average power supply current, ras refresh mode or cbr i cc3 ras cycling, cas 3 v ih , t rc = min of ras low after xcas low. C110 C 100ma 1 fast page mode average power supply current i cc4 ras = v il , cas, address cycling: t hpc = min C 90 C 80 ma 1, 2 cmos standby power supply current i cc5 ras = cas = v cc - 0.2v C 1.0 C 1.0 ma output voltage v oh i out = -5.0 ma 2.4 C 2.4 C v v ol i out = 4.2 ma C 0.4 C 0.4 v cas before ras refresh current i cc6 ras , cas cycling, t rc = min C 110 C 100 ma self refresh current i cc7 ras = ucas = lcas 0.2v, we = oe 3 v cc - 0.2v, all other inputs at 0.2v or v cc - 0.2v C 0.6 C 0.6 ma
? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 8 8 8 8 $& # sdudphwhuv # frpprq # wr # doo # zdyhirupv 5hdg # f\foh symbol parameter -50 -60 unit notes minmaxminmax t rc random read or write cycle time 80 C 100 C ns t rp ras precharge time 30 C 40 C ns t ras ras pulse width 50 10k 60 10k ns t cas cas pulse width 8 10k 10 10k ns t rcd ras to cas delay time 15 35 15 43 ns 6 t rad ras to column address delay time 12 25 12 30 ns 7 t rsh cas to ras hold time 10 C 10 C ns t csh ras to cas hold time 40 C 50 C ns t crp cas to ras precharge time 5 C 5 C ns t asr row address setup time 0 C 0 C ns t rah row address hold time 8 C 10 C ns t t transition time (rise and fall) 1 50 1 50 ns 4,5 t ref refresh period C 32/64 C 32/64 ms 17/16 t cp cas precharge time 8 C 10 C ns t ral column address to ras lead time 25 C 30 C ns t asc column address setup time 0 C 0 C ns t cah column address hold time 8 10 C ns symbol parameter -50 -60 unit notes min max min max t rac access time from ras C 50 C 60 ns 6 t cac access time from cas C 12 C 15 ns 6,13 t aa access time from address C 25 C 30 ns 7,13 t rcs read command setup time 0 C 0 C ns t rch read command hold time to cas 0C0Cns9 t rrh read command hold time to ras 0C0Cns9
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq 9 9 9 9 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 :ulwh # f\foh 5hdg 0 prgli\ 0 zulwh # f\foh 5hiuhvk # f\foh symbol parameter -50 -60 unit notes min max min max t wcs write command setup time 0 C 0 C ns 11 t wch write command hold time 10 C 10 C ns 11 t wp write command pulse width 10 C 10 C ns t rw l write command to ras lead time 10 C 10 C ns t cwl write command to cas lead time 8 C 10 C ns t ds data-in setup time 0 C 0 C ns 12 t dh data-in hold time 8 C 10 C ns 12 symbol parameter -50 -60 unit notes min max min max t rw c read-write cycle time 113 C 135 C ns t rw d ras to we delay time 67 C 77 C ns 11 t cwd cas to we delay time 32 C 35 C ns 11 t aw d column address to we delay time 42 C 47 C ns 11 symbol parameter -50 -60 unit notes min max min max t csr cas setup time (cas -before-ras )5 C 5 C ns3 t chr cas hold time (cas -before-ras )8 C 10 C ns3 t rpc ras precharge to cas hold time 0 C 0 C ns t cpt cas precharge time (cbr counter test) 10 10 C ns
? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 : : : : )dvw # sdjh # prgh # f\foh # 2xwsxw # hqdeoh 6hoi # uhiuhvk # f\foh symbol parameter -50 -60 unit notes min max min max t cpa access time from cas precharge C28C35 13 t rasp ras pulse width 50 100k 60 100k t pc read-write cycle time 30 C 35 C t cp cas precharge time (fast page) 10 C 10 C t pcm fast page mode rmw cycle 80 C 85 C t crw page mode cas pulse width (rmw) 12 C 15 C symbol parameter -50 -60 unit notes min max min max t clz cas to output in low z 0 C 0 C ns 8 t roh ras hold time referenced to oe 8C10Cns t oea oe access time C 13 C 15 ns t oed oe to data delay 13 C 15 C ns t oez output buffer turnoff delay from oe 0 13 0 15 ns 8 t oeh oe command hold time 10 C 10 C ns t olz oe to output in low z 0 C 0 C ns t off output buffer turn-off time 0 13 0 15 ns 8,10 std symbol parameter -50 -60 unit notes minmaxminmax t rass ras pulse width (cbr self refresh) 100 C 100 C s t rps ras precharge time (cbr self refresh) 90 C 105 C ns t chs cas hold time (cbr self refresh) 8 C 10 C ns
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq ; ; ; ; $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 1rwhv 1i cc1 , i cc3 , i cc4 , and i cc6 are dependent on frequency. 2i cc1 and i cc4 depend on output loading. specified values are obtained with the output open. 3 an initial pause of 200 s is required after power-up followed by any ras cycles before proper device operation is achieved. in the case of an internal refresh counter, a minimum of 8 cas -before-ras initialization cycles instead of 8 ras cycles are required. 8 initialization cycles are required after extended periods of bias without clocks (greater than 8 ms). 4 ac characteristics assume t t = 2 ns. all ac parameters are measured with a load equivalent to two ttl loads and 100 pf, v il (min) 3 gnd and v ih (max) v cc . 5v ih (min) and v il (max) are reference levels for measuring timing of input signals. transition times are measured between v ih and v il . 6 operation within the t rcd (max) limit insures that t rac (max) can be met. t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . 7 operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as a reference point only. if t rad is greater than the specified t rad (max) limit, then access time is controlled exclusively by t aa . 8 assumes three state test load (5 pf and a 380 w thevenin equivalent). 9either t rch or t rr must be satisfied for a read cycle. 10 t off (max) defines the time at which the output achieves the open circuit condition; it is not referenced to output voltage levels. t off is referenced from rising edge of ras or cas , whichever occurs last. 11 t wcs , t wch , t rw d , t cwd and t awd are not restrictive operating parameters. they are included in the datasheet as electrical characteristics only. if t ws 3 t ws (min) and t wh 3 t wh (min), the cycle is an early write cycle and data out pins will remain open circuit, high impedance, throughout the cycle. if t rw d 3 t rw d (min), t cwd 3 t cwd (min) and t aw d 3 t aw d (min), the cycle is a read-write cycle and the data out will contain data read from the selected cell. if neither of the above conditions is satisfied, the condition of the data out at access time is indeterminate. 12 these parameters are referenced to cas leading edge in early write cycles and to we leading edge in read-write cycles. 13 access time is determined by the longest of t caa or t cac or t cpa 14 t asc 3 t cp to achieve t pc (min) and t cpa (max) values. 15 these parameters are sampled and not 100% tested. 16 these characteristics apply to 4c4m4foq 5v devices. 17 these characteristics apply to AS4C4M4F1Q 5v devices. $& # whvw # frqglwlrqv .h\ # wr # vzlwfklqj # zdyhirupv - access times are measured with output reference levels of v oh = 2.4v and v ol = 0.4v, v ih = 2.4v and v il = 0.8v - input rise and fall times: 2 ns 100 pf* r2 = 295 w r1 = 828 w d out gnd +5v figure a: equivalent output load *including scope and jig capacitance *including scope and jig capacitance 50 pf* r2 = 295 w r1 = 828 w d out gnd +3.3v figure b: equivalent output load (as4c4m4f0/as4c4m4f1) (as4c4m4f0/as4c4m4f1) undefined output/don?t care falling input rising input
? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 < < < < 5hdg # zdyhirup (duo\ # zulwh # zdyhirup t ras t rc t rp t rsh t rad t rch t roh t cac t oea t off (see note 11) t oez ras cas address we oe dq column address t crp t csh t rcd t asc t cah t cas t ral t rah t rcs t aa t clz t rrh data out t rac t asr row address t roh t wez t olz t rez t ras t rc t rp t crp t rsh t rcd t csh t cas t rad t asc t cah t wcs t cwl t rw l t wch t wp t ds t dh data in ras cas address we oe dq row address t ral column address t rah t asr
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq 43 43 43 43 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 :ulwh # zdyhirup 2( # frqwuroohg 5hdg 0 prgli\ 0 zulwh # zdyhirup row address t ras t rc t rp t crp t rsh t rcd t csh t cas t rah t ral t rad t cah t cwl t rwl t oeh t ds t dh data in ras cas address we oe dq column address t wp t asc t asr t oed t ras t rw c t rp t crp t rsh t rcd t csh t cas t rad t ral t ar t cah t cwl t cwd t rw l t aw d t wp t oea t clz t cac t aa t ds t dh row address column address data in data out ras cas address we oe dq t rah t rw d t rcs t rac t oez t oed t asc t asr t olz
? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 44 44 44 44 )dvw # sdjh # prgh # uhdg # zdyhirup )dvw # sdjh # prgh # e\wh # zulwh # zdyhirup row t rasp t rp t crp t rcd t cas t csh t rsh t pc t asr t rad t rch t rcs t rrh t rch t oea t oea t aa t rac t oez t cac data out data out data out column column column ras cas address we oe i/o t ar t rah t asc t cah t ral t rcs t clz t cp t off t cap t rasp t rp t rcd t csh t cas t cp t crp t asr t cah t cah t ral t cah t cwd t aw d t cwd t cwl t cwd t aw d t rwl t wp t oez t oea t rac t ds t clz t cac t cap row column column column data out data in data in data out data out data in ras cas address we oe i/o t rad t rah t rwd t rcs t cwl t oea t aa t dh t ds t clz t cac t clz t cac t oed t pcm
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq 45 45 45 45 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 )dvw # sdjh # prgh # hduo\ # zulwh # zdyhirup &$6 # ehiruh # 5$6 # uhiuhvk # zdyhirup :( # # $ # # 9 ,+ # ru # 9 ,/ 5$6 # rqo\ # uhiuhvk # zdyhirup :( # # 2( # # 9 ,+ # ru # 9 ,/ t rasp t rwl t asc t wcs t cp t ral t wch t cwl t wp t ds t dh t cas row column column column data in data in data in ras cas address we oe i/o t pc t cah t csh t rcd t oeh t hdr t ar t rad t asr t crp t rah t rsh t oed t rp t rc t ras t rpc t cp t csr t chr ras cas dq open t ras t rp t rc t crp t rpc t asr t rah row address ras address cas
? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 46 46 46 46 +lgghq # uhiuhvk # zdyhirup #+ uhdg , +lgghq # uhiuhvk # zdyhirup #+ zulwh , t ras t rc t rp t ras t rc t rp t crp t rcd t rsh t crp t chr t asr t rad t asc t rrh t oea t clz t cac t oez col address row data out ras cas address we oe dq t ar t rah t rac t aa t rcs t cah t off t ras t rc t rp t crp t rcd t rsh t asr t rah t rad t ar t cah t wcs t wch t ds t dh data in col address row address ras cas address we dq oe t asc t rwl t wcr t wp t dhr t ral t chr
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq 47 47 47 47 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 &$6 # ehiruh # 5$6 # uhiuhvk # frxqwhu # whvw # zdyhirup t ras t rsh t rp t csr t chr t cpt t cas t cah t clz t cac t rch t rrh t roh t oea t rwl t cwl t wcs t wp t wch t ds t dh t rcs t oea t ds t dh col address data out data in data out data in ras cas address dq we oe we dq oe we oe dq t oed t aa t clz t cac t oez t wp t cwl t rcs t aa t oez t aw d t cwd t ral read cycle write cycle read-write cycle t asc t off t rwl
? $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq # $gydqfh # lqirupdwlrq ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 48 48 48 48 &$6 0 ehiruh 0 5$6 # vhoi # uhiuhvk # f\foh &dsdflwdqfh # 15 | # #4# 0+] /# 7 d # # 5rrp # whpshudwxuh 7 & 7 0 7 )24 # rughulqj # lqirupdwlrq $6 7 & 7 0 7 ) 4 4 # rughulqj # lqirupdwlrq 7 & 7 0 7 )24 # idplo\ # sduw # qxpehulqj # v\vwhp parameter symbol signals test conditions max unit input capacitance c in1 a0 to a9 v in = 0v 5 pf c in2 ras , ucas , lcas , we , oe v in = 0v 7 pf dq capacitance c dq dq0 to dq15 v in = v out = 0v 7 pf package \ ras access time 50 ns 60 ns plastic soj, 300 mil, 24/26-pin 5v 4c4m4foq-50jc 4c4m4foq-60jc plastic tsop, 300 mil, 24/26-pin 3.3v 4c4m4foq-50tc 4c4m4foq-60tc package \ ras access time 50 ns 60 ns plastic soj, 300 mil, 24/26-pin 5v AS4C4M4F1Q-50jc AS4C4M4F1Q-60jc plastic tsop, 300 mil, 24/26-pin 3.3v AS4C4M4F1Q-50tc AS4C4M4F1Q-60tc as4 c 4m4 e0 Cxx x c dram prefix c = 5v cmos lc = 3.3v cmos 4m4 e0=4k refresh e1=2k refresh ras access time package: j = soj 300 mil, 24/26 t = tsop 300 mil, 24/26 commercial temperature range, 0c to 70 c t rp t rass t rpc t cp t chs t cez ras ucas , dq lcas t rps t csr t rpc
$6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 )24 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 $6 7 & 7 0 7 ) 4 4 ? $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq $gydqfh # lqirupdwlrq 49 49 49 49 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 $//,$1&( # 6(0,&21'8&725 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233 ',' #440633370 $ 1#4257233


▲Up To Search▲   

 
Price & Availability of AS4C4M4F1Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X